Part Number Hot Search : 
10090 DRV8860 PNP3638A 2SC5716 SC284 AD8572AR CX3SSM2 13000
Product Description
Full Text Search
 

To Download RLT830-150MGS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.roithner - laser.com 1 rlt 830 - 1 5 0 mg s ? infrared laser diode ? 830 nm, 1 5 0 mw ? single transverse mode ? to 18 package , flat window maximum rating * (t case = 25c) parameter symbol values unit min. max. reverse voltage v r 2 v operating temperature * t opr - 20 + 5 0 c storage temperature * t stg - 4 0 + 80 c soldering temperature (max. 3 s) t sol + 26 0 c * operating close to or outside these conditions may damage the device electro - optical characteristics (t case = 2 5 c ) parameter symbol values unit min. typ. max. peak wavelength p 820 830 8 40 nm optical output power p o 1 5 0 mw spectral width (fwhm) 2.0 nm operating voltage v f 2. 4 3 .0 v threshold current i th 4 5 6 0 ma operating current i f 2 00 2 30 ma slope efficiency 0.75 0.85 w/a pd current i pd 0 . 6 ma pd reverse voltage v pd 25 v beam divergence (fwhm) parallel ?ii ? 28 deg. electrical connection pin configuration bottom view d escription rlt 830-1 5 0m g s is a n infrared laser diode, featuring a 1 x 3 m emitter with single transverse mode emission at typically 830 nm and low operating current . rlt 830-1 5 0 mg s comes in 5.6 mm to - can package with integrated pd . pin # function pin 1 ld cathode pin 2 ld anode, pd cathode pin 3 pd anode 18.10 .17
www.roithner - laser.com 2 outline dimensions all dimensions in mm precautions safety caution: laser light emitted from any laser diode m ay be harmful to the human eye . avoid looking directly into the laser diode?s aperture when the diode is in operation. note: the use of optical lenses with this laser diode will increase eye hazard esd caution always do handle laser diodes with extreme care to prevent electrostatic discharge , the primary cause of unexpected diode failure . to prevent esd related failures, it is strongly advised to always wearing wrist straps , and grounding all applicable work surfaces , when handling laser diodes operating considerations it is strongly advised to only operate this laser diode with a current source. the current of a laser diode is an exponential function of the voltage across it. u sage of current regulated drive circuits is mandatory. laser diodes may be damaged by excessiv e drive currents or switching transients it is advised, to operat e the laser diode at the lowest temperature possible , and to never exceed maximum specifications as outlined in the datasheet . device degradation will accelerate with increased temperature. p roper heat sinking will greatly enhance stability and life time of the laser diode ? all rights reserved the above specifications are for reference purpose only and subjected to change without prior notice .


▲Up To Search▲   

 
Price & Availability of RLT830-150MGS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X